Part Number Hot Search : 
CZ41H NCP111 SLB0587G B0505 ATS040 CAT4137 SMC20A 16188
Product Description
Full Text Search
 

To Download 2SD2400 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
2SD2400
DESCRIPTION With TO-220F package Complement to type 2SB1569 High transition frequency Collector power dissipation: PC=20W(TC=25ae ) APPLICATIONS For low frequency power amplifier applications
PINNING PIN 1 2 3 Base Collector DESCRIPTION
Absolute maximum ratings (Ta=25ae )
SYMBOL VCBO VCEO VEBO IC ICM PARAMETER
TOR NDU ICO E SEM ANG INCH
Emitter CONDITIONS VALUE 120 Collector-base voltage Open emitter Collector-emitter voltage Open base 120 5 1.5 3 Ta=25ae 2.0 Emitter-base voltage Collector current Collector current-peak Open collector
Fig.1 simplified outline (TO-220F) and symbol
UNIT V V V A A
PC
Collector dissipation TC=25ae 20 150 -55~150 ae ae
W
Tj Tstg
Junction temperature Storage temperature
Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
CHARACTERISTICS
Tj=25ae unless otherwise specified PARAMETER Collector-emitter breakdown voltage Collector-base breakdown voltage Emitter-base breakdown voltage Collector-emitter saturation voltage Base-emitter saturation voltage Collector cut-off current Emitter cut-off current DC current gain CONDITIONS IC=1mA ;IB=0 IC=50|I IE=50|I A ;IE=0 A ;IC=0 MIN 120 120 5
2SD2400
SYMBOL V(BR)CEO V(BR)CBO V(BR)EBO VCEsat VBEsat ICBO IEBO hFE fT COB
TYP.
MAX
UNIT V V V
IC=1A ;IB=0.1A IC=1A ;IB=0.1A VCB=120V; IE=0 VEB=4V; IC=0 IC=0.1A ; VCE=5V 60
2.0 1.5 1.0 1.0 |I |I
V V A A
hFE Classifications D 60-120 E 100-200
NDU ICO E SEM ANG INCH
Transition frequency IC=0.1A ; VCE=5V;f=30MHz IE=0; VCB=10V; f=1MHz Collector output capacitance
TOR
80 20
320 MHz pF
F 160-320
2
Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
PACKAGE OUTLINE
2SD2400
TOR NDU ICO E SEM ANG INCH
Fig.2 Outline dimensions
3


▲Up To Search▲   

 
Price & Availability of 2SD2400

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X